PART |
Description |
Maker |
PUMB2 PEMB2-PUMB2-15 |
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. PNP/PNP resistor-equipped transistors R1 = 47 k? R2 = 47 k?
|
NXP Semiconductors
|
PDTA123E PDTA123EE PDTA123EEF PDTA123EK PDTA123EU |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 2.2 k楼? PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
PDTA144TEF PDTA144TM |
PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
PDTA143TU PDTA143T PDTA143TE PDTA143TEF PDTA143TK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = open; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PEMD13 PUMD13 |
NPN-PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm NPN-PNP配电阻型晶体管,R1=4.7千欧姆,R2=47千欧 NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ NPN/PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PDTA123EE PDTA123EEF PDTA123EK PDTA123EU PDTA123ET |
PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PDTA123E series; PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA114Y PDTA114YE PDTA114YEF PDTA114YK PDTA114YM |
PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PDTA114Y series; PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PEMB4 PEMB4_1 |
PNP resistor-equipped double transistor R1 = 10 kohm/ R2 = open From old datasheet system PNP resistor-equipped double transistor R1 = 10 kohm, R2 = open
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PEMB30 |
PNP/PNP double resistor-equipped transistors
|
Philips Semiconductors
|
PDTA124ES |
PNP resistor-equipped transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PDTA123JMB |
PNP resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
|
NXP Semiconductors
|